Part Number Hot Search : 
80080 LM6402 2SC42 U1000 HD4480 CXA1664 A0100 02BT68
Product Description
Full Text Search
 

To Download BF569 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PNP Silicon RF Transistor
q
BF 569
For oscillators, mixers and self-oscillating mixer stages in UHF TV tuners
Type BF 569
Marking LHs
Ordering Code (tape and reel) Q62702-F869
Pin Configuration 1 2 3 B E C
Package1) SOT-23
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Base current Total power dissipation, TA 25 C Junction temperature Storage temperature range Thermal Resistance Junction - ambient2) Rth JA
Symbol VCE0 VCB0 VEB0 IC IB Ptot Tj Tstg
Values 35 40 3 30 5 280 150 - 55 ... + 150
Unit V
mA mW C
450
K/W
1) 2)
For detailed information see chapter Package Outlines. Package mounted on alumina 15 mm x 16.7 mm x 0.7 mm.
Semiconductor Group
1
07.94
BF 569
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC Characteristics Collector-emitter breakdown voltage IC = 1 mA, IB = 0 Collector cutoff current VCB = 20 V, IE = 0 DC current gain IC = 3 mA, VCE = 10 V AC Characteristics Transition frequency IC = 3 mA, VCE = 10 V, f = 100 MHz Collector-base capacitance VCB = 10 V, VBE = 0 V, f = 1 MHz Collector-emitter capacitance VCE = 10 V, VBE = 0 V, f = 1 MHz Noise figure IC = 3 mA, VCB = 10 V, f = 800 MHz RS = 60 Common base power gain IC = 3 mA, VCB = 10 V, f = 800 MHz RL = 500 fT Ccb Cce F - - - - 950 0.32 0.15 4.5 - - - - dB MHz pF V(BR) CE0 ICB0 hFE 35 - 20 - - 50 - 100 - V nA - Values typ. max. Unit
Gp
-
14.8
-
Semiconductor Group
2
BF 569
Total power dissipation Ptot = f (TA)
Transition frequency fT = f (IC) VCE = 10 V, f = 100 MHz
Collector-base capacitance Ccb = f (VCB) f = 1 MHz
Semiconductor Group
3


▲Up To Search▲   

 
Price & Availability of BF569

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X